Part Number Hot Search : 
300K50V5 DB151 02770 N7555 VICES A1727 LH1514 BDR2G
Product Description
Full Text Search
 

To Download IDT5962-9221106MEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  military and industrial temperature ranges idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer 1 june 2001 military and industrial temperature ranges the idt logo is a registered trademark of integrated device technology, inc. ? 2002 integrated device technology, inc. dsc-5500/2 features: ? std., a, c, and d grades ? low input and output leakage 1a (max.) ? cmos power levels ? true ttl input and output compatibility: ?v oh = 3.3v (typ.) ?v ol = 0.3v (typ.) ? high drive outputs (-15ma i oh , 48ma i ol ) ? meets or exceeds jedec standard 18 specifications ? military product compliant to mil-std-883, class b and desc listed (dual marked) ? power off disable outputs permit "live insertion" ? available in the following packages: ? industrial: soic, qsop ? military: cerdip, lcc functional block diagram idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer description: the fct257t is a high-speed quad 2-input multiplexer built using an advanced dual metal cmos technology. four bits of data from two sources can be selected using the common select input. the four buffered outputs present the selected data in the true (non-inverting) form. the fct257t has a common output enable ( oe ) input. when oe is high, all outputs are switched to a high-impedance state allowing the outputs to interface directly with bus-oriented systems. three other multiplexers oe z a z b z d s i 1b i 1d i 0b i 0d i 1a i 0a
military and industrial temperature ranges 2 idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer pin configuration symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. no terminal voltage may exceed vcc by +0.5v unless otherwise noted. 2. inputs and vcc terminals only. 3. output and i/o terminals only. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 6 10 pf c out output capacitance v out = 0v 8 12 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested. cerdip/ soic/ qsop top view pin description pin names description i 0a ?i 0d source 0 data inputs i 1a ?i 1d source 1 data inputs oe output enable (active low) s select input z a ?z d outputs function table (1) inputs oe si 0 i 1 output zx hxxx z lhxl l lhxh h lllx l llhx h note: 1. h = high voltage level l = low voltage level x = don?t care z = high-impedance lcc top view 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 s i 0a gnd z b i 0b i 1b i 1a oe i 0c i 1c z c i 0d i 1d z d v cc z a 1 2 3 4 5 7 9 6 8 10 11 12 13 14 15 16 17 18 19 20 nc i 0c i 1c z c i 0d i 0 a s z b g n d n c z d i 1 d n c v c c o e index i 1a z a i 1b nc i 0b
military and industrial temperature ranges idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer 3 symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (4) v cc = max. v i = 2.7v ? ? 1a i il input low current (4) v cc = max. v i = 0.5v ? ? 1a i ozh high impedance output current v cc = max v o = 2.7v ? ? 1a i ozl (3-state output pins) (4) v o = 0.5v ? ? 1 i i input high current (4) v cc = max., v i = v cc (max.) ? ? 1a v ik clamp diode voltage v cc = min, i in = -18ma ? ?0.7 ?1.2 v v h input hysteresis ? ? 200 ? mv i cc quiescent power supply current v cc = max., v in = gnd or v cc ? 0.01 1 ma dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 5%; military: t a = ?55c to +125c, v cc = 5.0v 10% notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be tested at one time. duration of the test should not exceed one second. 4. the test limit for this parameter is 5a at t a = ?55c. 5. this parameter is guaranteed but not tested. symbol parameter test conditions (1) min. typ. (2) max. unit v oh output high voltage v cc = min i oh = ?8ma 2.4 3.3 ? v v in = v ih or v il i oh = ?15ma 2 3 ? v ol output low voltage v cc = min i ol = 48ma ? 0.3 0.5 v v in = v ih or v il i os short circuit current v cc = max., v o = gnd (3) ?60 ?120 ?225 ma i off input/output power off leakage (5) v cc = 0v, v in or v o 4.5v ? ? 1a output drive characteristics
military and industrial temperature ranges 4 idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer symbol parameter test conditions (1) min. typ. (2) max. unit ? i cc quiescent power supply current v cc = max. ? 0.5 2 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply v cc = max. v in = v cc ? 0.15 0.25 ma/ current (4) outputs open v in = gnd mhz oe = gnd one input toggling 50% duty cycle i c total power supply current (6) v cc = max. v in = v cc ? 1.5 3.5 ma outputs open v in = gnd fo = 10mhz 50% duty cycle v in = 3.4v ? 1.8 4.5 oe = gnd v in = gnd one bit toggling v cc = max. v in = v cc ? 1.5 3.5 (5) outputs open v in = gnd fo = 2.5mhz 50% duty cycle v in = 3.4v ? 2.5 7.5 (5) oe = gnd v in = gnd four bits toggling notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input; (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of ? i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + ? i cc d h n t + i ccd (f o n o ) i cc = quiescent current ? i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f o = output frequency n o = number of outputs at f o all currents are in milliamps and all frequencies are in megahertz. power supply characteristics
military and industrial temperature ranges idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer 5 notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. fct257at fct275ct fct275dt symbol parameter condition (1) min. (2) max. min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 5 1.5 4.3 1.5 3.9 ns t phl ix to zx r l = 500 ? t plh propagation delay 1.5 7 1.5 5.2 1.5 4.4 ns t phl s to zx t pzh output enable time 1.5 7 1.5 6 1.5 4.4 ns t pzl t phz output disable time 1.5 5.5 1.5 5 1.5 4.4 ns t plz switching characteristics over operating range - industrial notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. fct257t fct275at fct275ct symbol parameter condition (1) min. (2) max. min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 1.5 7 1.5 5.8 1.5 5 ns t phl ix to zx r l = 500 ? t plh propagation delay 1.5 12 1.5 8.1 1.5 6 ns t phl s to zx t pzh output enable time 1.5 10 1.5 8 1.5 6.8 ns t pzl t phz output disable time 1.5 8 1.5 5.8 1.5 5.3 ns t plz switching characteristics over operating range - military
military and industrial temperature ranges 6 idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer pulse generator r t d.u.t . v cc v in c l v out 50pf 500 ? 500 ? 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh preset clear clock enable etc. octal link octal link octal link octal link octal link test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator.
military and industrial temperature ranges idt54/74fct257t/at/ct/dt fast cmos quad 2-input multiplexer 7 ordering information idt xx temp. range xxxx device type xx package x process quad 2-input multiplexer (3-state) 257t 257at 257ct 257dt so q industrial options small outline ic (300 mil) quarter-size small outline package 54 74 ? 55 c to +125 c ? 40 c to +85 c d l military options cerdip leadless chip carrier blank b industrial mil-std-883, class b fct corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com


▲Up To Search▲   

 
Price & Availability of IDT5962-9221106MEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X